Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3AMMM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3AMMM
Description  Composite Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3AMMM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3AMMM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3AMMM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3AMMM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3AMMM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
RT3AMMM is a composite transistor built with two
2SA1235A chips in SC-88 package.
FEATURE
Silicon pnp epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
For low frequency amplify application
PRELIMINARY
RT3AMMM
Composite Transistor
For Low Frequency Amplify Application
Silicon Pnp Epitaxial Type
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
-60
V
VEBO
Emitter to Base voltage
-6
V
VCEO
Collector to Emitter voltage
-50
V
IC
Collector current
-200
mA
PC
Collector dissipation(Total,Ta=25℃)
150
mW
Tj
Junction temperature
125
Tstg
Storage temperature
-55~+125
MARKING
M
AM
2
3
6
5
4
.
ISAHAYA ELECTRONICS CORPORATION
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
:COLLECTOR1
JEITA:SC-88
1.25
2.1
Tr1
Tr2


Similar Part No. - RT3AMMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT3AMMM ETC1-RT3AMMM Datasheet
46Kb / 4P
RT3AMMM
More results

Similar Description - RT3AMMM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3J22M ISAHAYA-RT3J22M Datasheet
147Kb / 4P
Composite Transistor
RT3J33M ISAHAYA-RT3J33M Datasheet
147Kb / 4P
Composite Transistor
RT3K11M ISAHAYA-RT3K11M Datasheet
147Kb / 4P
Composite Transistor
RT3K22M ISAHAYA-RT3K22M Datasheet
146Kb / 4P
Composite Transistor
RT3U11M ISAHAYA-RT3U11M Datasheet
169Kb / 5P
Composite Transistor
RT3U22M ISAHAYA-RT3U22M Datasheet
170Kb / 5P
Composite Transistor
RT3X99M ISAHAYA-RT3X99M Datasheet
140Kb / 4P
Composite Transistor
RT3XBBM ISAHAYA-RT3XBBM Datasheet
141Kb / 4P
Composite Transistor
RT3Y97M ISAHAYA-RT3Y97M Datasheet
143Kb / 4P
Composite Transistor
RT3YA7M ISAHAYA-RT3YA7M Datasheet
129Kb / 3P
Composite Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com