Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3AMMM Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # RT3AMMM
Description  Composite Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3AMMM Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  RT3AMMM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3AMMM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3AMMM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3AMMM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRELIMINARY
RT3AMMM
Composite Transistor
For Low Frequency Amplify Application
Silicon Pnp Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
COMMON EMITTER OUTPUT
IB=0
0.02mA
0.04mA
0.06mA
0.08mA
0.10mA
0.12mA
0.14mA
0.16mA
0.18mA
-0
-10
-20
-30
-40
-50
-0
-1
-2
-3
-4
-5
COLLECTOR EMITTER VOLTAGE VCE(V)
Ta=25℃
COMMON EMITTER TRANSFER
-0
-10
-20
-30
-40
-50
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
BASE TO EMITTER VOLTAGE VBE(V)
Ta=25℃
VCE=-6V
DC FORWARD CURRENT GAIN
VS. COLLECTOR CURRENT
1
10
100
1000
10000
-0.1
-1
-10
-100
-1000
COLLECTOR CURRENT IC(mA)
Ta=25℃
VCE=-6V
100(@IC=-1mA)
GAIN BAND WIDTH PRODUCT
VS. EMITTER CURRENT
0
50
100
150
200
250
0.1
1
10
100
EMITTER CURRENT IE(mA)
Ta=25℃
VCE=-6V
COLLECTOR OUTPUT CAPACITANCE
VS. COLLECTOR TO BASE VOLTAGE
0.1
1
10
100
-0.1
-1
-10
-100
COLLECTOR TO BASE VOLTAGE VCB(V)
Ta=25℃
IE=0
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com