Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3CLLM Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3CLLM
Description  Compound Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3CLLM Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3CLLM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
RT3CLLM
Compound Transistor
For Low Frequency Amplify Application
Silicon Npn Epitaxial Type
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)CEO
Collector to Emitter break down voltage
IC=100μA,RBE=∞
50
-
-
V
ICBO
Collector cut off current
VCB =50V,IE=0
-
-
0.1
μ
A
IEBO
Emitter cut off current
VEB=6V,IC=0
-
-
0.1
μ
A
hFE*
DC forward current gain
VCE=6V,IC=1mA
150
-
800
-
hFE
DC forward current gain
VCE=6V,IC=0.1mA
90
-
-
-
VCE(sat)
Collector to Emitter saturation voltage
IC=100mA,IB=10mA
-
-
0.3
V
fT
Gain band width product
VCE=6V,IE=-10mA
-
200
-
MHZ
Cob
Collector output capacitance
VCB=6V,IE=0,f=1MHZ
-
2.5
-
pF
NF
Noise figure
VCE=6V,IE=-0.1mA,f=1kHZ,RG=2kΩ
-
-
15
dB
* : It shows hFE classification in right table.
Item
E
F
G
hFE
150~300
250~500
400~800
ISAHAYA ELECTRONICS CORPORATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com