Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3CLLM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3CLLM
Description  Compound Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3CLLM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3CLLM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
RT3CLLM is a compound transistor built with two
2SC3052 chips in SC-88 package.
FEATURE
Silicon npn epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
For low frequency amplify application
PRELIMINARY
RT3CLLM
Compound Transistor
For Low Frequency Amplify Application
Silicon Npn Epitaxial Type
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
50
V
VEBO
Emitter to Base voltage
6
V
VCEO
Collector to Emitter voltage
50
V
IC
Collector current
200
mA
PC(Total)
Collector dissipation(Ta=25℃)
150
mW
Tj
Junction temperature
+
125
℃
Tstg
Storage temperature
-55~+125
℃
MARKING
L
CL
1
2
3
6
5
4
.
ISAHAYA ELECTRONICS CORPORATION
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
1.25
2.1
①
②
③
⑤
④
⑥
Tr1
Tr2


Similar Part No. - RT3CLLM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
2SC3052 chips in SC-88 package.
More results

Similar Description - RT3CLLM

ManufacturerPart #DatasheetDescription
logo
NEC
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
COMPOUND TRANSISTOR
CE1A3Q NEC-CE1A3Q Datasheet
125Kb / 4P
COMPOUND TRANSISTOR
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
COMPOUND TRANSISTOR
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
COMPOUND TRANSISTOR
2002
BA1F4Z RENESAS-BA1F4Z Datasheet
238Kb / 6P
COMPOUND TRANSISTOR
2002
BA1L3N RENESAS-BA1L3N Datasheet
238Kb / 6P
COMPOUND TRANSISTOR
2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com