Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-55LL Datasheet(PDF) 15 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55LL
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55LL Datasheet(HTML) 15 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
15
Preliminary
Mixed-Mode Operation
The device supports a combination of synchronous READ and asynchronous WRITE operations when the BCR is configured for
synchronous operation. (Some vendors also support asychronous READ.) The asynchronous WRITE operations require that the clock
(CLK) remain LOW during the entire sequence. The ADV# signal can be used to latch the target address, or it can remain LOW during
the entire WRITE operation. CE# can remain LOW when transitioning between mixed-mode operations with fixed latency enabled;
however, the CE# LOW time must not exceed tCEM. Mixed-mode operation facilitates a seamless interface to legacy burst mode Flash
memory controllers. See Figure 45 for the “Asychronous WRITE Followed by Burst READ”timing diagram.
WAIT Operation
The WAIT output on a CellularRAM device is typically connected to a shared, system-level WAIT signal. (See Figure 9.) The shared
WAIT signal is used by the processor to coordinate transactions with multiple memories on the synchronous bus.
Figure 9: Wired or WAIT Configuration
When a READ or WRITE operation has been initiated, WAIT goes active to indicate that the CellularRAM device requires additional time
before data can be transferred. For READ operations, WAIT will remain active until valid data is output from the device. For WRITE
operations, WAIT will indicate to the memory controller when data will be accepted into the CellularRAM device. When WAIT transitions
to an inactive state, the data burst will progress on successive clock edges.
During a burst cycle, CE# must remain asserted until the first data is valid. Bringing CE# HIGH during WAIT cycles may cause data
corruption. When using variable initial access latency (BCR[14] = 0), the WAIT output performs an arbitration role for READ operations
launched while an on-chip refresh is in progress. If a collision occurs, WAIT is asserted for additional clock cycles until the refresh has
completed. (See Figure 8) When the refresh operation has completed, the READ operation will continue normally.
WAIT will be asserted but should be ignored during asynchronous READ and WRITE, and page READ operations. By using fixed initial
latency (BCR[14] = 1), this CellularRAM device can be used in burst mode without monitoring the WAIT signal. However, WAIT can still
be used to determine when valid data is available at the start of the burst and at the end of row. If WAIT is not monitored, the controller
must stop burst accesses at row boundaries on its own.
LB#/UB# Operation
The LB# enable and UB# enable signals support byte-wide data WRITEs. During WRITE operations, any disabled bytes will not be
transferred to the RAM array and the internal value will remain unchanged. During an asynchronous WRITE cycle, the data to be written
is latched on the rising edge of CE#, WE#, LB#, or UB#, whichever occurs first. LB# and UB# must be LOW during READ cycles. When
both the LB# and UB# are disabled (HIGH) during an operation, the device will disable the data bus from receiving or transmitting data.
Although the device will seem to be deselected, it remains in an active mode as long as CE# remains LOW.
READY
Processor
CellularRAM
WAIT
WAIT
Other
Device
External
Pull-Up/
Pull-Down
Resistor
WAIT
Other
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com