Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16JS-55LL Datasheet(PDF) 53 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16JS-55LL
Description  4Mx16 bit CellularRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16JS-55LL Datasheet(HTML) 53 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16JS-55LL Datasheet HTML 49Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 50Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 51Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 52Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 53Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 54Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 55Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 56Page - Emerging Memory & Logic Solutions Inc EMC646SP16JS-55LL Datasheet HTML 57Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
EMC646SP16J
4Mx16 CellularRAM
53
Preliminary
Figure 42. Burst READ Interrupted by Burst READ or WRITE
Note:
1. Non-default BCR settings for burst READ interrupted by burst READ or WRITE: Fixed or variable latency code two (three clocks); WAIT active
LOW; WAIT asserted during delay. All bursts shown for variable latency; no refresh collision.
2. Burst interrupt shown on first allowable clock (i.e., after the first data received by the controller).
3. CE# can stay LOW between burst operations, but CE# must not remain LOW longer than tCEM.
CLK
ADV#
CE#
WE#
LB#/UB#
DQ[15:0] OUT
Don’t Care
Undefined
A[21:0]
OE#
VIH
VIL
WAIT
VOH
VOL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
Valid
Address
tCLK
Valid
Output
tSP tHD
Valid
Address
tSP tHD
tSP tHD
tCSP
tSP tHD
Valid
Output
Valid
Output
Valid
Output
tSP tHD
tHD
tACLK
tKOH
D0
D1
D2
D3
tCEM (Note 3)
READ Burst interrupted with new READ or WRITE. See Note 2.
tSP tHD
tSP tHD
tKHTL
tCEW
Valid
Output
tACLK
tBOE
tOHZ
tBOE
2nd Cycle READ
2nd Cycle READ
2nd Cycle READ
VIH
VIL
VIH
VIL
VIH
VIL
LB#/UB#
DQ[15:0] IN
OE#
High-Z
High-Z
tOHZ
High-Z
2nd Cycle Write
2nd Cycle Write
2nd Cycle Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com