Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3TSSM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3TSSM
Description  Composite Transistor With Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3TSSM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3TSSM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3TSSM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3TSSM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3TSSM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
RT3TSSM is a composite transistor built with
RT1N150 chip and RT1P150 chip in SC-88 package.
FEATURE
Silicon epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
Inverted circuit, switching circuit,
interface circuit, driver circuit
※
PNP built in transistor of ”-”sign is abbreviation.
PRELIMINARY
RT3TSSM
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
50
V
VEBO
Emitter to Base voltage
6
V
VCEO
Collector to Emitter voltage
50
V
IC
Collector current
100
mA
ICM
Peak Collector current
200
mA
PC
Collector dissipation(Total, Ta=25℃)
150
mW
Tj
Junction temperature
+
150
℃
Tstg
Storage temperature
-55~+150
℃
MARKING
S
TS
1
2
3
6
5
4
.
ISAHAYA ELECTRONICS CORPORATION
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
1.25
2.1
①
②
③
⑤
④
⑥
R1
RTr1
①
②
④
⑤
RTr2
③
R1
⑥


Similar Part No. - RT3TSSM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3T11M ISAHAYA-RT3T11M Datasheet
63Kb / 4P
Composite Transistor With Resistor
RT3T11U ISAHAYA-RT3T11U Datasheet
172Kb / 4P
Composite Transistor With Resistor
RT3T14M ISAHAYA-RT3T14M Datasheet
65Kb / 4P
Composite Transistor With Resistor
RT3T1CU ISAHAYA-RT3T1CU Datasheet
175Kb / 4P
Composite Transistor With Resistor
RT3T22M ISAHAYA-RT3T22M Datasheet
69Kb / 4P
Composite Transistor With Resistor For Switching Application Silicon Epitaxial Type
More results

Similar Description - RT3TSSM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3N33M ISAHAYA-RT3N33M Datasheet
57Kb / 3P
Composite Transistor With Resistor
RT3N66M ISAHAYA-RT3N66M Datasheet
58Kb / 3P
Composite Transistor With Resistor
RT3NFFM ISAHAYA-RT3NFFM Datasheet
62Kb / 3P
Composite Transistor With Resistor
RT3P11M ISAHAYA-RT3P11M Datasheet
61Kb / 3P
Composite Transistor With Resistor
RT3P66U ISAHAYA-RT3P66U Datasheet
178Kb / 3P
Composite Transistor With Resistor
RT3T11M ISAHAYA-RT3T11M Datasheet
63Kb / 4P
Composite Transistor With Resistor
RT3T33M ISAHAYA-RT3T33M Datasheet
57Kb / 3P
Composite Transistor With Resistor
RT3T55U ISAHAYA-RT3T55U Datasheet
164Kb / 4P
Composite Transistor With Resistor
RT3T66M ISAHAYA-RT3T66M Datasheet
56Kb / 3P
Composite Transistor With Resistor
RT3TAAM ISAHAYA-RT3TAAM Datasheet
140Kb / 4P
Composite Transistor With Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com