Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3TSSM Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # RT3TSSM
Description  Composite Transistor With Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3TSSM Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  RT3TSSM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3TSSM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3TSSM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3TSSM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS (Tr2)
PRELIMINARY
RT3TSSM
Composite Transistor With Resistor
For Switching Application
Silicon Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DC forward current gain-Collector current
10
100
1000
-1
-10
-100
Collector current IC[mA]
VCE=-5V
Collector current-Input off voltage
-10
-100
-1000
-0
-0.5
-1
-1.5
-2
Input off voltage VI(OFF)[V]
VCE=-5V
Input on voltage-Collector current
-0.1
-1
-10
-0.1
-1
-10
-100
Collector current IC[mA]
VCE=-200mV



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com