Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB4NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB4NB80
Description  N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  STB4NB80 Datasheet HTML 1Page - STMicroelectronics STB4NB80 Datasheet HTML 2Page - STMicroelectronics STB4NB80 Datasheet HTML 3Page - STMicroelectronics STB4NB80 Datasheet HTML 4Page - STMicroelectronics STB4NB80 Datasheet HTML 5Page - STMicroelectronics STB4NB80 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STB4NB80
N - CHANNEL 800V - 3
Ω - 4A - TO-220/TO-220FP
PowerMESH
™ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 3
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process,
SGS-Thomson
has
designed
an
advanced
family
of
power
MOSFETs
with
outstanding
performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
June 1998
1
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
STB4NB80
STB4NB80FP
VDS
Drain-source Voltage (VGS = 0)
800
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
800
V
VGS
Gate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc = 25
o C
4
4(*)
A
ID
Drain Current (continuous) at Tc = 100
oC
2.4
2.4(*)
A
IDM(
•)
Drain Current (pulsed)
16
16
A
Ptot
Total Dissipation at Tc = 25
oC100
35
W
Derating Factor
1
0.28
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
4.5
4.5
V/ns
VISO
Insulation Withstand Voltage (DC)
2000
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤4 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
STB4NB80
STB4NB80FP
800 V
800 V
3.3
Ω
3.3
Ω
4 A
4 A
I
2PAK
TO-262
(Suffix "-1")
D
2PAK
TO-263
(Suffix "T4")
1/6


Similar Part No. - STB4NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NB50 STMICROELECTRONICS-STB4NB50 Datasheet
64Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3.8A - D2PAK/I2PAK PowerMESHO MOSFET
Oct-1998
More results

Similar Description - STB4NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP4NC50 STMICROELECTRONICS-STP4NC50 Datasheet
107Kb / 9P
N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
May-2000
STP4NK80Z STMICROELECTRONICS-STP4NK80Z Datasheet
620Kb / 13P
N-CHANNEL 800V - 3ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Feb-2003
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP5NK80ZFP STMICROELECTRONICS-STP5NK80ZFP Datasheet
378Kb / 10P
N-CHANNEL 800V - 1.9ohm - 4.3A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Jul-2002
STP6NB80 STMICROELECTRONICS-STP6NB80 Datasheet
44Kb / 6P
N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
Sep-1998
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com