Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3XAAM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3XAAM
Description  Composite Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3XAAM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3XAAM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RT3XAAM
Composite Transistor
For Muting Application
Silicon NPN Epitaxial Type
DESCRIPTION
RT3XAAM is a composite transistor with built-in bias resistor
FEATURE
●Built-in bias resistor ( R1=4.7 KΩ)
●Mini package for easy mounting
APPLICATION
muting circuit、switching circuit
OUTLINE DRAWING
Unit:mm
MARKING
. A
XA
1
2
3
6
5
4
.
. A
XA
1
2
3
6
5
4
.
MAXIMUM RATINGS (Ta=25℃)(RTr1、RTr2)
Symbol
Parameter
Ratings
Unit
V
CBO
Collector to Base voltage
40
V
V
EBO
Emitter to Base voltage
40
V
V
CEO
Collector to Emitter voltage
20
V
I
C
Collector current
400
mA
P
C
Collector dissipation(Total Ta=25℃)
150
mW
T
j
Junction temperature
+150
℃
T
stg
Storage temperature
-55~+150
℃
ISAHAYA ELECTRONICS CORPORATION
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
1.25
2.1
①
②
③
⑤
④
⑥
R1
RTr1
①
②
④
⑤
R2
RTr2
③
R1
⑥


Similar Part No. - RT3XAAM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3X99M ISAHAYA-RT3X99M Datasheet
140Kb / 4P
Composite Transistor
RT3XBBM ISAHAYA-RT3XBBM Datasheet
141Kb / 4P
Composite Transistor
More results

Similar Description - RT3XAAM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3AMMM ISAHAYA-RT3AMMM Datasheet
138Kb / 4P
Composite Transistor
RT3J22M ISAHAYA-RT3J22M Datasheet
147Kb / 4P
Composite Transistor
RT3J33M ISAHAYA-RT3J33M Datasheet
147Kb / 4P
Composite Transistor
RT3K11M ISAHAYA-RT3K11M Datasheet
147Kb / 4P
Composite Transistor
RT3K22M ISAHAYA-RT3K22M Datasheet
146Kb / 4P
Composite Transistor
RT3U11M ISAHAYA-RT3U11M Datasheet
169Kb / 5P
Composite Transistor
RT3U22M ISAHAYA-RT3U22M Datasheet
170Kb / 5P
Composite Transistor
RT3X99M ISAHAYA-RT3X99M Datasheet
140Kb / 4P
Composite Transistor
RT3XBBM ISAHAYA-RT3XBBM Datasheet
141Kb / 4P
Composite Transistor
RT3Y97M ISAHAYA-RT3Y97M Datasheet
143Kb / 4P
Composite Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com