Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3XAAM Datasheet(PDF) 3 Page - Isahaya Electronics Corporation

Part # RT3XAAM
Description  Composite Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3XAAM Datasheet(HTML) 3 Page - Isahaya Electronics Corporation

  RT3XAAM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RT3XAAM
Composite Transistor
For Muting Application
Silicon NPN Epitaxial Type
ISAHAYA ELECTRONICS CORPORATION
DC forward gain current - collector current
1
10
100
1000
10000
0.1
1
10
100
1000
collector current IC (mA)
Ta=25℃
VCE=5V
DC revarse gain current - collector current
1
10
100
1000
10000
0.1
1
10
100
1000
collector current IC (mA)
Ta=25℃
VEC=5V
collector-emitter saturation
voltage - collector current
0.1
1
10
100
1000
0.1
1
10
100
1000
collector current IC (mA)
Ta=25℃
IC/IB=20
Ron-VIN
0.1
1
10
100
0.1
1
10
100
INPUT VOLTAGEVI (V)
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com