Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-90LL Datasheet(PDF) 32 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-90LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-90LL Datasheet(HTML) 32 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-90LL Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
32
Preliminary
Table 14: Burst READ Cycle Timing Requirements
All tests performed with outputs configured for default setting of half drive strength, (BCR[5:4] = 01b).
Note:
1. A refresh opportunity must be provided every tCEM. A refresh opportunity is satisfied by either of the following two conditions: a) clocked CE#
HIGH, or b) CE# HIGH for longer than 15ns.
2. The High-Z timings measure a 100mV transition from either VOH or VOL toward VccQ/2.
3. The Low-Z timings measure a 100mV transition away from the High-Z (VccQ/2) level toward either VOH or VOL.
Parameter
Symbol
133MHz
104MHz
83MHZ
Unit
Note
Min
Max
Min
Max
Min
Max
Address access time (fixed latency)
tAA
-70-70
-70
ns
ADV# access time (fixed latency)
tAADV
-70-70
-70
ns
Burst to READ access time (variable latency)
tABA
-
35.5
-
35.9
-
45
ns
CLK to output delay
tACLK
-
5.5
-7
-9
ns
Address hold from ADV# HIGH(fixed latency)
tAVH
2
-
2-
2-
ns
Burst OE# LOW to output delay
tBOE
-20-20
-20
ns
CE# HIGH between subsequent burst or mixed mode
operations
tCBPH
5
-
5-
6-
ns
1
Maximum CE# pulse width
tCEM
-
4
-4
-4
µs
1
CE# or ADV# LOW to WAIT valid
tCEW
17.517.517.5
ns
CLK period
tCLK
7.5
-
9.62
-
12
-
ns
Chip select access time (fixed latency)
tCO
-70-70
-70
ns
CE# setup time to active CLK edge
tCSP
2.5
-
3-
4-
ns
Hold time from active CLK edge
tHD
1.5
-
2-
2-
ns
Chip disable to DQ and WAIT High-Z output
tHZ
-
7
-8
-8
ns
3
CLK rise or fall time
tKHKL
-
1.2
-
1.6
-
1.8
ns
CLK to WAIT valid
tKHTL
-
5.5
-7
-9
ns
Output HOLD from CLK
tKOH
2
-
2-
2-
ns
CLK HIGH or LOW time
tKP
3
-
3-
4-
ns
Output disable to DQ High-Z output
tOHZ
-
7
-8
-8
ns
2
Output enable to Low-Z output
tOLZ
3
-
3-
3-
ns
3
Setup time to active CLK edge
tSP
2
-
3-
3-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com