Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-90LL Datasheet(PDF) 34 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-90LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-90LL Datasheet(HTML) 34 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-90LL Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-90LL Datasheet HTML 38Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
34
Preliminary
Table 16: Burst WRITE Cycle Timing Requirements
Note:
1. tAS required if tCSP > 20ns.
2. A refresh opportunity must be provided every tCEM. A refresh opportunity is satisfied by either of the following two conditions: a) clocked CE#
HIGH, or b) CE# HIGH for longer than 15ns.
3. The High-Z timings measure a 100mV transition from either VOH or VOL toward VccQ/2.
Parameter
Symbol
133MHz
104MHz
83MHZ
Unit Notes
Min
Max
Min
Max
Min
Max
Address and ADV# LOW setup time
tAS
0-0
-
0-
ns
1
Address HOLD from ADV# HIGH(fixed latency)
tAVH
2-2
-
2-
ns
CE# HIGH between subsequent burst or mixed mode
operations
tCBPH
5-5
-
6-
ns
2
Maximum CE# pulse width
tCEM
-4-
4
4
µs
2
CE# LOW to WAIT valid
tCEW
1
7.517.517.5
ns
Clock period
tCLK
7.5
-
9.62
-
12
-
ns
CE# setup to CLK active edge
tCSP
2.5
-
3
-
4
-
ns
Hold time from active CLK edge
tHD
1.5
-
2
-
2
-
ns
Chip disable to WAIT High-Z output
tHZ
-7-
8
-8
ns
3
CLK rise or fall time
tKHKL
-
1.2
-
1.6
-
1.8
ns
Clock to WAIT valid
tKHTL
-5.5
-
7
-
9
ns
CLK HIGH or LOW time
tKP
3-3
-
3-
ns
Setup time to activate CLK edge
tSP
2-3
-
3-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com