Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-10LL Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-10LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-10LL Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-10LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
9
Preliminary
Functional Description
In general, CellularRAM devices are high-density alternatives to SRAM and Pseudo SRAM products, popular in low-power, portable
applications. The 32Mb device contains a 33,554,432-bit DRAM core, organized as 2,097,152 addresses by 16 bits.The device
implements the same high-speed bus interface found on burst mode Flash products. The CellularRAM bus interface supports both
asynchronous and burst mode transfers. Page mode accesses are also included as a bandwidth-enhancing extension to the
asynchronous read protocol.
Power-Up Initialization
32Mb CellularRAM products include an on-chip voltage sensor used to launch the power-up initialization process. Initialization will
configure the BCR and the RCR with their default settings. (See Figure 16 and 20) Vcc and VccQ must be applied simultaneously.
When they reach a stable level at or above 1.7V, the device will require 150
µs to complete its self-initialization process. During the
initialization period, CE# should remain HIGH. When initialization is complete, the device is ready for normal operation.
Figure 2: Power-Up Initialization Timing
Vcc
VccQ
Vcc=1.7V
tPU
Device Initialization
Device ready for
normal operation
≥ 150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com