Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC326SP16AJS-10LL Datasheet(PDF) 31 Page - Emerging Memory & Logic Solutions Inc

Part # EMC326SP16AJS-10LL
Description  2Mx16 bit CellularRAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC326SP16AJS-10LL Datasheet(HTML) 31 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC326SP16AJS-10LL Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc EMC326SP16AJS-10LL Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
EMC326SP16AJ
2Mx16 CellularRAM
31
Preliminary
TIMING REQUIREMENTS
Table 13: Asynchronous READ Cycle Timing Requirements
All tests performed with outputs configured for default setting of half drive strength, (BCR[5:4] = 01b).
Note:
1. The High-Z timings measure a 100mV transition from either VOH or VOL toward VccQ/2.
2. The Low-Z timings measure a 100mV transition away from the High-Z (VccQ/2) level toward either VOH or VOL.
3. Page mode enabled only.
4. Contact EMLSI for specific timing.
Parameter
Symbol
70ns
Unit
Note
Min
Max
Address access time
tAA
-70
ns
ADV# access time
tAADV
-70
ns
Page access time
tAPA
-20
ns
4
Address hold from ADV# HIGH
tAVH
2-
ns
Address setup to ADV# HIGH
tAVS
5-
ns
LB#/UB# access time
tBA
-70
ns
LB#/UB# disable to DQ High-Z output
tBHZ
-8
ns
1
LB#/UB# enable to Low-Z output
tBLZ
10
-
ns
2
Maximum CE# pulse width
tCEM
-4
µs
3
CE# LOW to WAIT valid
tCEW
17.5
ns
Chip select access time
tCO
-70
ns
CE# LOW to ADV# HIGH
tCVS
7-
ns
Chip disable to DQ and WAIT High-Z output
tHZ
-8
ns
1
Chip enable to Low-Z output
tLZ
10
-
ns
2
Output enable to valid output
tOE
-20
ns
Output hold from address change
tOH
5-
ns
Output disable to DQ High-Z output
tOHZ
-8
ns
1
Output enable to Low-Z output
tOLZ
3-
ns
2
Page READ cycle time
tPC
20
-
ns
4
READ cycle time
tRC
70
-
ns
ADV# pulse width LOW
tVP
5-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com