Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ESRH
Description  Solid Polymer Aluminum SMT Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ESRH Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRH Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRH Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type ESRH Solid Polymer Aluminum SMT Capacitors
Typical Impedance & ESR
Life Test:
Apply rated DC working voltage at 105 ºC (or
0.75 x WVDC at 125 ºC) for 1000 hours, and
then stabilize them to +20 ºC. Capacitors will
meet the following limits:
∆
C = ±10% of the initial measured value
DF & DCL ≤ the initial specified value
Shelf Life Test:
Shelf life is typically 5 to 10 years. Accelerated test:
after 500 hours at125 ºC, capacitors will meet the
following limits after stabilization at 20 ºC:
∆
C = ±10% of the initial measured value
DF & DCL ≤ the initial specified value
Moisture Resistance:
After 500 hours storage at +60 ºC and 90% R.H.
without load, the capacitor will meet the following
limits:
∆C = +70%/–20% of the initial measured value
(2.0 & 2.5 Vdc),+60%/–20% of the initial
measured value (4.0 Vdc), +50%/–20%
of the initial measured value (6.3 Vdc),
+40%/–20% of the initial measured value
(8.0 Vdc).
DF ≤ two times the initial specified value
DCL ≤ the initial specified value
Resistance to Soldering Heat:
Capacitors withstand being heated in an oven at
235 ºC for 200 seconds.
Soldering:
Solid Polymer Aluminum capacitors are designed
for reflow soldering.
Preheat the capacitors at 160 ºC for a maximum of
120 seconds. The time at or above 200 ºC on the
surface of the capacitor should be per the
following chart:
Frequency (kHz)
ESRH271M02R
270 µF/2V
Impedance/ESR
ESRH680M02R
680 µF/2V
Impedance/ESR
Specifications (continued)
(For more information on this product see the Solid Polymer Aluminum Application Guide)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com