Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESRH
Description  Solid Polymer Aluminum SMT Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESRH Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRH Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRH Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type ESRH Solid Polymer Aluminum SMT Capacitors
Solid Polymer Aluminum capacitors are now available
with a +125ºC temperature rating. CDE’s type ESRH
capacitors are rated at +125ºC for 1000 hours when
operated at 3/4 of the 105ºC rated voltage. Solid
Polymer Aluminum electrolytic capacitors feature
extremely low ESR which yields a capacitor with very
low high frequency impedance and high ripple current
capability. When low ESR is your requirement,
one type ESRH capacitor can replace three or more
tantalum or aluminum electrolytic capacitors. The
solid electrolyte in a polymer aluminum capacitor
results in a long (and ignition free) life, and the 7.3
x 4.3 footprint is compatible with “D” case solid
tantalum capacitors.
Specifications
Markings
Ordering Information
Operating Temperature Range:
Capacitance Tolerance:
Dissipation Factor (DF):
Surge Voltage:
DC Leakage Current (after 2 minutes):
-55 ºC to +105 ºC at rated voltage
(+125 ºC at .75 x rated voltage)
±20% at 120 Hz and +20 ºC
≤0.10 at 120 Hz and +20 ºC
1.25 x rated voltage
I ≤ .1 CV
ESRH
101
M
08
R
Packaging Code
CDE
Type
Capacitance
Code
Capacitance
Tolerance
WVDC Code
R = Tape & Reel 2000 pcs/reel
02 =2.0 Vdc
06 = 6.3 Vdc
680 = 68 µF
M = ±20%
0E =2.5 Vdc
08 = 8.0 Vdc
101 = 100 µF
04 =4.0 Vdc
D = 2.0V
J = 6.3V
E = 2.5V
K = 8.0V
G = 4.0V
Polarity Stripe (Anode)
+
W.V. Code
Lot Code
Capacitance
(“R” = Decimal Point)


Similar Part No. - ESRH

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
ESRH101M06R CDE-ESRH101M06R Datasheet
296Kb / 3P
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
ESRH101M08R CDE-ESRH101M08R Datasheet
296Kb / 3P
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
ESRH121M04R CDE-ESRH121M04R Datasheet
296Kb / 3P
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
ESRH151M06R CDE-ESRH151M06R Datasheet
296Kb / 3P
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
ESRH151M0ER CDE-ESRH151M0ER Datasheet
296Kb / 3P
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
More results

Similar Description - ESRH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRD ETC2-ESRD Datasheet
225Kb / 3P
Solid Polymer Aluminum SMT Capacitors
ESRE ETC2-ESRE Datasheet
250Kb / 3P
Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
SPA121M02R CDE-SPA121M02R Datasheet
229Kb / 3P
Solid Polymer Aluminum SMT Capacitors
ESRD101M02R CDE-ESRD101M02R Datasheet
225Kb / 3P
Solid Polymer Aluminum SMT Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
MERITEK ELECTRONICS COR...
PECH MERITEK-PECH Datasheet
559Kb / 2P
Conductive Polymer Aluminum Solid Capacitors (SMT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com