Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRE331M0EXR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESRE331M0EXR
Description  SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE331M0EXR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESRE331M0EXR Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 3Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 4Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 5Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.035
C O RN ELL
DU BIL I E R
Your Source For Capacitor Solutions
SPA Capacitors
Solid Polymer Aluminum Surface Mount Capacitors
Solid polymer aluminum capacitors combine the high
capacitance capability of an electrolytic component
with the high frequency performance of film capacitors.
When the need for low impedance at high frequency is
critical for your design, one SPA chip is capable of
replacing several liquid electrolyte aluminum or
tantalum capacitors connected in parallel. This is due
to the ultra-low e.s.r. which results in significantly lower
impedance than either aluminum or tantalum
capacitors at frequencies of 100 kHz and above. There
is no longer a need to stack capacitors to lower the
impedance at high frequency. The low e.s.r. and high
capacitance make them ideal for bypassing high
frequency noise, and for switching frequency filtering
in DC/ DC conversion. SPA capacitors are packaged in
a molded resin case with the same footprint (7.3x4.3
mm) as the industry standard tantalum “D” and “E”
case sizes. The solid electrolyte results in a capacitor
with stable impedance and equivalent series resistance
over the entire operating temperature range and they
have more than twice the ripple current handling
capability of tantalum capacitors. In addition, the
solid electrolyte delivers a typical expected operating
life of more than 50 years, and it is ignition free.
Highlights
• Capacitance Range: 2.2
µF to 390 µF
• Ripple current ratings up to 3.5Arms
at 100 kHz and 105
°C
• Low Impedance
• Ultra-Low E.S.R.; 10 m
Ω @ 100 kHz
• -55
° to 105°C operating temperature
• Voltage Range: 2.0 Vdc to 16 Vdc
• Solid electrolyte for extended life
• Footprint Compatible with “D” and
“E” Case Tantalum
• Flat Z and E.S.R. vs. temperature
•
Ignition free
Filtering power of 3 or more tantalum chips and 50 year life
CDE SPAType
ESRE
ESRD
ESRD
ESRL
Dimensions (mm)
7.3x4.3x4.2
7.3x4.3x3.1
7.3x4.3x1.8
7.3x4.3x1.1
Capacitance Range (
µF)
100 - 390
68 - 270
2.2 -120
15 - 68
Max. ESR at 100 kHz (
Ω)
0.015
0.018
.025 - .110
.035 - .040
Max. Ripple Current at 100 kHz (Arms)
3.0
2.2
1.0 - 1.8
1.4 - 1.6
New!
Extended
Range Ratings,
20% More
Capacitance
CDE SPA Type
ESRE
ESRD
ESRD
ESRL
ESRH*
Dimensions (mm)
7.3x4.3x4.1
7.3x4.3x2.8
7.3x4.3x1.8
7.3x4.3x1.1
7.3x4.3x2.8 & 4.1
Capacitance Range (µF)
100-390
68-270
2.2-120
15-68
68-270
Max. ESR at 100 kHz (
Ω)
0.015
0.018
.025 - .110
.035 - .040
.015 - .018
Max.Ripple Current at 100 kHz (Arms)
3.5
3.3
1.0 - 2.7
1.4 - 1.6
2.0 - 3.0
*Operates to 125
˚C


Similar Part No. - ESRE331M0EXR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESRE331M0EXR ETC2-ESRE331M0EXR Datasheet
250Kb / 3P
Solid Polymer Aluminum SMT Capacitors
logo
Cornell Dubilier Electr...
ESRE331M0EXR CDE-ESRE331M0EXR Datasheet
251Kb / 3P
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
More results

Similar Description - ESRE331M0EXR

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
NIC-Components Corp.
NPC NIC-NPC_14 Datasheet
103Kb / 4P
Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
NSP NIC-NSP_14 Datasheet
257Kb / 6P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SVPF PANASONICBATTERY-SVPF Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
Kemet Corporation
A765EB397M0ELAE020 KEMET-A765EB397M0ELAE020 Datasheet
4Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
A767EB226M1HLAE050 KEMET-A767EB226M1HLAE050 Datasheet
3Mb / 17P
Surface Mount Conductive Polymer Aluminum Solid Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com