Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESRE331M0EXR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ESRE331M0EXR
Description  SPA Capacitors Solid Polymer Aluminum Surface Mount Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESRE331M0EXR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ESRE331M0EXR Datasheet HTML 1Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 2Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 3Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 4Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 5Page - List of Unclassifed Manufacturers ESRE331M0EXR Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1605 East Rodney French Blvd.
New Bedford, MA 02744
(508) 996-8564, Fax (508) 996-3830
http://www.cornell-dubilier.com
E-mail: cdenb@cornell-dubilier.com
1.036
C O RN ELL
D U B I LIE R
Your Source For Capacitor Solutions
SPA Capacitors
Solid Polymer Aluminum Capacitors
Markings
Ordering Information
Polarity Stripe (Anode)
+
Capacitance
("R" = Decimal Point)
W.V. Code
D = 2.0 V
E = 2.5 V
G = 4.0 V
J = 6.3 V
CDE
Type
CAPACITANCE
CODE
4R7 = 4.7
µF
220 = 22
µF
101 = 100
µF
CAPACITANCE
TOLERANCE
M =
± 20%
WVDC CODE
02 = 2.0 Vdc
0E = 2.5 Vdc
04 = 4.0 Vdc
06 = 6.3 Vdc
PACKAGING CODE
R = Tape & Reel
ESRD (1.8mm Ht.): 3500 pcs/ reel
ESRD (2.8mm Ht.): 2000 pcs/ reel
ESRE: 2000 pcs/reel
ESRL: 3500 pcs/reel
B = Bulk Quantity
(100 pc multiples)
ESRD
4R7
M
16
R
K = 8.0 V
B = 12.5 V
C = 16.0 V
08 = 8.0 Vdc
12 = 12.5 Vdc
16 = 16.0 Vdc
Applications
Motherboard By-Pass
Switching Supply Input/Output Filters
Power Supply Decoupling
High Frequency Noise Reduction
Laptop LCD Displays
Automotive Digital Equipment
Portable Electronic Equipment
Lot Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com