Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C16258HT50 Datasheet(PDF) 18 Page - Mosel Vitelic, Corp

Part # V53C16258HT50
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT50 Datasheet(HTML) 18 Page - Mosel Vitelic, Corp

Back Button V53C16258HT50 Datasheet HTML 12Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 13Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 14Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 15Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 16Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 17Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 18Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 19Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 20Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
V53C16258H Rev. 3.8 November 1999
MOSEL VITELIC
V53C16258H
Package Outlines
40-Pin Plastic SOJ
40/44L-Pin TSOP-II
1.025 TYP. (1.035 MAX.)
[26.04 TYP. (26.29 MAX.)]
0.050
± 0.006
[1.27
± 0.152]
0.04 [0.1]
40
1
21
20
0.010
Unit in inches [mm]
0.025
0.018
+0.004
–0.002
+0.004
–0.002
0.635
+0.102
–0.051
+ 0.004
– 0.002
0.254
+0.102
–0.051
0.457
+0.102
–0.051
0.721 – 0.729
[18.31 – 18.52]
0.0315 BSC
[.8001 BSC]
40
21
1
20
0.039 – 0.047
[0.991 – 1.193]
0.012 – 0.016
[0.305 – 0.406]
0.002 – 0.008
[0.051 – 0.203]
0.0047 – 0.0083
[0.119 – .211]
0
°–5°
0.017 – 0.023
[0.432 – 0.584]
BASE PLANE
SEATING PLANE
Unit in inches [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com