Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C16258HT50 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V53C16258HT50
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT50 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V53C16258HT50 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 10Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 11Page - Mosel Vitelic, Corp V53C16258HT50 Datasheet HTML 12Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
V53C16258H Rev. 3.8 November 1999
MOSEL VITELIC
V53C16258H
Truth Table
Notes:
1.
Byte Write cycles LCAS or UCAS active.
2.
Byte Read cycles LCAS or UCAS active.
3.
Only one of the two CAS must be active (LCAS or UCAS).
Function
RAS
LCAS
UCAS
WE
OE
ADDRESS
I/O
Notes
Standby
H
H
H
X
X
X
High-Z
Read: Word
L
L
L
H
L
ROW/COL
Data Out
Read: Lower Byte
L
L
H
H
L
ROW/COL
Lower Byte, Data-Out
Upper Byte, High-Z
Read: Upper Byte
L
H
L
H
L
ROW/COL
Lower Byte, High-Z
Upper Byte, Data-Out
Write: Word (Early-Write)
L
L
L
L
X
ROW/COL
Data-In
Write: Lower Byte (Early)
L
L
H
L
X
ROW/COL
Lower Byte, Data-In
Upper Byte, High-Z
Read: Upper Byte (Early)
L
H
L
L
X
ROW/COL
Lower Byte, High-Z
Upper Byte, Data-In
Read-Write
L
L
L
H
→L
L
→H
ROW/COL
Data-Out, Data-In
1, 2
EDO Page-Mode Read
L
H
→L
H
→L
H
L
COL
Data-Out
2
EDO Page-Mode Write
L
H
→L
H
→L
L
X
COL
Data-In
2
EDO Page-Mode Read-Write
L
H
→L
H
→L
H
→L
L
→H
COL
Data-Out, Data-In
1, 2
Hidden Refresh Read
L
→H→L
L
L
H
L
ROW/COL
Data-Out
2
RAS-Only Refresh
L
H
H
X
X
ROW
High-Z
CBR Refresh
H
→L
L
L
X
X
X
High-Z
3
Self Refresh
H
→L
L
H
X
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com