Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 102
Description  0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

102 Datasheet(HTML) 2 Page - STMicroelectronics

  102 Datasheet HTML 1Page - STMicroelectronics 102 Datasheet HTML 2Page - STMicroelectronics 102 Datasheet HTML 3Page - STMicroelectronics 102 Datasheet HTML 4Page - STMicroelectronics 102 Datasheet HTML 5Page - STMicroelectronics 102 Datasheet HTML 6Page - STMicroelectronics 102 Datasheet HTML 7Page - STMicroelectronics 102 Datasheet HTML 8Page - STMicroelectronics 102 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STB7102
2/9
ELECTRICAL CHARACTERISTICS (
CELL BAND)
(Ta = +25
oC, Vcc = 2.7V, Zs = ZL = 50Ω, tested in circuit shown in fig.1, unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
Freq.
Frequency Range
990
1030
MHz
Vcc
Supply Voltage
2.6
2.7
2.8
V
Icc
Current Consumption
3.3
4.3
5.3
mA
P1dB
Output Power at 1dB Compression Point
F = 1010 MHz
-2
dBm
Gp
Power Gain
F = 1010 MHz
16.7
dB
NF
Noise Figure
F = 1010 MHz
2.7
dB
Isol.
Reverse Isolation
F = 1010 MHz
45
dB
RLin
Input Return Loss
F = 1010 MHz
30
dB
RLout
Output Return Loss
F = 1010 MHz
17.8
dB
GND
3
GND
2
INPUT
1
VCC
6
GND
5
OUT
4
ULOBA
U1
C5
10nF
C3
33pF
C8
1.5pF
L1
33nH
C2
1uF
1
2
JP1
VCC
C1
33pF
L2
2n2
J1
RF IN
L3
10nH
J2
RF OUT
L4
5n6
Figure 1 Cell Band Application Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com