Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 102
Description  0.5/2.5 GHz UHF LO BUFFER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

102 Datasheet(HTML) 3 Page - STMicroelectronics

  102 Datasheet HTML 1Page - STMicroelectronics 102 Datasheet HTML 2Page - STMicroelectronics 102 Datasheet HTML 3Page - STMicroelectronics 102 Datasheet HTML 4Page - STMicroelectronics 102 Datasheet HTML 5Page - STMicroelectronics 102 Datasheet HTML 6Page - STMicroelectronics 102 Datasheet HTML 7Page - STMicroelectronics 102 Datasheet HTML 8Page - STMicroelectronics 102 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STB7102
TYPICAL PERFORMANCE (CELL BAND)
Power Gain vs. Frequency and Voltage
0
2
4
6
8
10
12
14
16
18
20
800
900
1000
1100
1200
Frequency (MHz)
Vcc = 2.8 V
Vcc = 2.7 V
Vcc = 2.6 V
Ta = 25 °C
Power Gain vs. Frequency and Temperature
0
2
4
6
8
10
12
14
16
18
20
800
900
1000
1100
1200
Frequency (MHz)
Ta = 25 °C
Ta = -30 °C
Ta = 85 °C
Vcc = 2.7 V
Reverse Isolation vs. Frequency and Voltage
-60
-50
-40
-30
-20
-10
0
800
900
1000
1100
1200
Frequency (M Hz)
Vcc = 2.8 V
Vcc = 2.7 V
Vcc = 2.6 V
Ta = 25 °C
Input Return Loss vs. Frequency and Voltage
-35
-30
-25
-20
-15
-10
-5
0
800
900
1000
1100
1200
Fre quency (MHz)
Vcc = 2.8 V
Vcc = 2.7 V
Vcc = 2.6 V
Ta = 25 °C
Reverse Isolation vs. Frequency and Temperature
-60
-50
-40
-30
-20
-10
0
800
900
1000
1100
1200
Frequency (M Hz)
Ta = 25 °C
Ta = -30 °C
Ta = 85 °C
Vcc = 2.7 V
Input Return Loss vs. Frequency and Temperature
-35
-30
-25
-20
-15
-10
-5
0
800
900
1000
1100
1200
Frequency (MHz)
Ta = 25 °C
Ta = -30 °C
Ta = 85 °C
Vcc = 2.7 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com