Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST722511R7T3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST722511R7T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722511R7T3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST722511R7T3 Datasheet HTML 15Page - STMicroelectronics ST722511R7T3 Datasheet HTML 16Page - STMicroelectronics ST722511R7T3 Datasheet HTML 17Page - STMicroelectronics ST722511R7T3 Datasheet HTML 18Page - STMicroelectronics ST722511R7T3 Datasheet HTML 19Page - STMicroelectronics ST722511R7T3 Datasheet HTML 20Page - STMicroelectronics ST722511R7T3 Datasheet HTML 21Page - STMicroelectronics ST722511R7T3 Datasheet HTML 22Page - STMicroelectronics ST722511R7T3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
19/164
DATA EEPROM (Cont’d)
3.6 REGISTER DESCRIPTION
CONTROL/STATUS REGISTER (CSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:3 = Reserved, forced by hardware to 0.
Bit 2 = IE
Interrupt enable
This bit is set and cleared by software. It enables the
Data EEPROM interrupt capability when the PGM
bit is cleared by hardware. The interrupt request is
automatically cleared when the software enters the
interrupt routine.
0: Interrupt disabled
1: Interrupt enabled
Bit 1 = LAT
Latch Access Transfer
This bit is set by software. It is cleared by hard-
ware at the end of the programming cycle. It can
only be cleared by software if PGM bit is cleared.
0: Read mode
1: Write mode
Bit 0 = PGM
Programming control and status
This bit is set by software to begin the programming
cycle. At the end of the programming cycle, this bit
is cleared by hardware and an interrupt is generated
if the ITE bit is set.
0: Programming finished or not yet started
1: Programming cycle is in progress
Note: if the PGM bit is cleared during the program-
ming cycle, the memory data is not guaranteed
Table 3. DATA EEPROM Register Map and Reset Values
70
0000
0
IE
LAT
PGM
Address
(Hex.)
Register
Label
765
4
321
0
002Ch
EECSR
Reset Value
0
0
000
IE
0
RWM
0
PGM
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com