Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST722511R7T3 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST722511R7T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST722511R7T3 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST722511R7T3 Datasheet HTML 40Page - STMicroelectronics ST722511R7T3 Datasheet HTML 41Page - STMicroelectronics ST722511R7T3 Datasheet HTML 42Page - STMicroelectronics ST722511R7T3 Datasheet HTML 43Page - STMicroelectronics ST722511R7T3 Datasheet HTML 44Page - STMicroelectronics ST722511R7T3 Datasheet HTML 45Page - STMicroelectronics ST722511R7T3 Datasheet HTML 46Page - STMicroelectronics ST722511R7T3 Datasheet HTML 47Page - STMicroelectronics ST722511R7T3 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
44/164
I/O PORTS (Cont’d)
Table 12. I/O Port Register Map and Reset Values
Address
(Hex.)
Register
Label
765
4
321
0
Reset Value
of all IO port registers
00
0
0
000
0
0000h
PADR
MSB
LSB
0001h
PADDR
0002h
PAOR
0004h
PCDR
MSB
LSB
0005h
PCDDR
0006h
PCOR
0008h
PBDR
MSB
LSB
0009h
PBDDR
000Ah
PBOR
000Ch
PEDR
MSB
LSB
000Dh
PEDDR
000Eh
PEOR
0010h
PDDR
MSB
LSB
0011h
PDDDR
0012h
PDOR
0014h
PFDR
MSB
LSB
0015h
PFDDR
0016h
PFOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com