Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS20AXTR Datasheet(PDF) 1 Page - Fox Electronics

Part # VCS20AXTR
Description  3.3V LOW PROFILE SMD VCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

VCS20AXTR Datasheet(HTML) 1 Page - Fox Electronics

  VCS20AXTR Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
76
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1(239)693-0099 FAX +1(239)693-1554 http://www.foxonline.com
© 2004 FOX ELECTRONICS
FEATURES
• 3.3V Operation
• HCMOS Output
• Enable/Disable
• Tape and Reel (2,000 pcs. STD)
3.3V LOW PROFILE SMD VCXO
MODEL: VCSAXT SERIES
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, vibration, and Vc = 1.65V.
2 An internal pullup resistor from pin 2 to pin 6 allows active output if pin 2 is left open.
3 Available on an individual inquiry basis.
4 Custom specifications from 45.000 to 80.000 MHz available on an individual inquiry basis.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
Note: An alternate pin connection with E/D on pin #5 is available.
All specifications subject to change without notice. Rev. 6/1/04
Frequency
Stability1
±25PPM
±25PPM
±50PPM
±50PPM
±25PPM
±25PPM
±50PPM
±50PPM
±100PPM
±100PPM
Operating
Temperature
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
Frequency
VCS12AXT
VCS12AXTR3
VCS15AXT
VCS15AXTR
VCS22AXT
VCS22AXTR3
VCS25AXT
VCS25AXTR
VCS20AXT
VCS20AXTR
Model
Number
Frequency
Pullability
±50PPM
±50PPM
±50PPM
±50PPM
±100PPM
±100PPM
±100PPM
±100PPM
±100PPM
±100PPM
1.000 ~ 80.0004 MHz
-40ºC ~ +85ºC
3.3V ± 10%
1.65V ± 1.5V
15mA
25mA
50mA
40% ~ 60%
5nS
5nS
10% VDD
90% VDD Min
4.0mA Min
-1.0mA Min
15pF
10mS
150nS
±10%
20 kHz
PARAMETERS
Frequency Range
(FO)
Storage Temperature Range (TSTG)
Supply Voltage
(VDD)
Control Voltage
(VC)
Input Current
(IDD)
1.000 ~ 30.000 MHz
30.000+ ~ 45.000 MHz
45.000+ ~ 80.000 MHz
Output Symmetry (50% VDD)
Rise Time (10% ~ 90% VDD)(TR)
Fall Time (90% ~ 10% VDD)(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
(HCMOS)
Start-up Time
(TS)
Enable/Disable Time 2
Frequency Linearity
Modulation Bandwidth
• ELECTRICAL CHARACTERISTICS
All dimensions are in millimeters.
MAX (unless otherwise noted)
OPTIONS
• Many Stability/Pullability Options
• -40ºC ~ +85ºC Option ('R' Version)
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• ENABLE / DISABLE FUNCTION
INH (Pin 2)
OPEN 2
'1' Level VIH
≥ 70% VDD
'0' Level VIL
≤ 30% VDD
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
Part Number
421-Frequency-xxxxx
437-Frequency-xxxxx
422-Frequency-xxxxx
439-Frequency-xxxxx
423-Frequency-xxxxx
443-Frequency-xxxxx
424-Frequency-xxxxx
445-Frequency-xxxxx
425-Frequency-xxxxx
441-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000


Similar Part No. - VCS20AXTR

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
VCS20AT FOX-VCS20AT Datasheet
220Kb / 1P
VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCS20ATR FOX-VCS20ATR Datasheet
220Kb / 1P
VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
More results

Similar Description - VCS20AXTR

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO43 GOLLEDGE-GVXO43 Datasheet
64Kb / 1P
3.3V VCXO
GVXO53 GOLLEDGE-GVXO53 Datasheet
62Kb / 1P
3.3V VCXO
GVXO-513 GOLLEDGE-GVXO-513 Datasheet
58Kb / 1P
3.3V VCXO
logo
Fox Electronics
FVS25AXT FOX-FVS25AXT Datasheet
82Kb / 1P
3.3V LOW PROFILE SMD VCXO
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCSAT FOX-VCSAT Datasheet
220Kb / 1P
VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
FVM25AXT FOX-FVM25AXT Datasheet
36Kb / 1P
3.3V HCMOS, CERAMIC, SMD, VCXO
logo
Golledge Electronics Lt...
GVXO-43 GOLLEDGE-GVXO-43_16 Datasheet
131Kb / 1P
3.3V VCXO
GVXO-53F GOLLEDGE-GVXO-53F_15 Datasheet
112Kb / 1P
3.3V VCXO
logo
Pericom Semiconductor C...
YK-3.3V PERICOM-YK-3.3V Datasheet
261Kb / 4P
3.3V CMOS Ultra Low Jitter VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com