Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFN Datasheet(PDF) 1 Page - Tyco Electronics

Part # PCFN
Description  Power PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCFN Datasheet(HTML) 1 Page - Tyco Electronics

  PCFN Datasheet HTML 1Page - Tyco Electronics PCFN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Relays
1
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay PCFN Solar
I 1 pole, 26 A, 1 NO Contact
I contact gap > 1.5 mm
I 200 mW hold power
I Ambient temperature up to 75°C, 85°C at 22 A
I RoHS compliant (Directive 2002/95/EC)
Applications: Photovoltaic inverter
F-PCFNsolar
Approvals
V
U
Technical data of approved types on request
Contact data
Contact configuration
1 N/O
Contact set
single contact
Contact gap
> 1.5 mm
Rated current
26 A
Rated voltage
277 VAC
Maximum breaking capacity AC
7200 VA
Contact material
AgSnO2
Mechanical endurance
1x106 cycles
Rated frequency of operation with / without load
6 / 300 min-1
Contact ratings
Load
Cycles
22 A, 250 VAC, resistive, 85°C
30x103
26 A, 250 VAC, resistive, 75°C
30x103
Coil data
Rated coil voltage
12 VDC
Coil power
1.5 W
1)
Coil insulation system according UL 1446
class F
Coil version, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
W
12
12
7.8
1.2
96+10%
1.5
All figures are given for coil without preenergization, at ambient temperature +23°C
Hold voltage W 4.4 V at ambient temperature w 85°C
1) Ambient temperature > 23°C requires reduction of coil voltage to 4.4...< 6 V after
100ms


Similar Part No. - PCFN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCFN MACOM-PCFN Datasheet
143Kb / 2P
Power PCB Relay PCFN Solar
logo
TE Connectivity Ltd
PCFN TEC-PCFN Datasheet
1Mb / 2P
Electrical grid disconnects
PCFN SOLAR TEC-PCFN SOLAR Datasheet
7Mb / 38P
RELAYS, CONTACTORS & CIRCUIT BREAKERS
02/20 JN
logo
Tyco Electronics
PCFN-106D2M MACOM-PCFN-106D2M Datasheet
268Kb / 2P
25A Miniature Power PC Board Relay
PCFN-106D2M000 MACOM-PCFN-106D2M000 Datasheet
268Kb / 2P
25A Miniature Power PC Board Relay
More results

Similar Description - PCFN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com