Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFN Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCFN
Description  Power PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCFN Datasheet(HTML) 2 Page - Tyco Electronics

  PCFN Datasheet HTML 1Page - Tyco Electronics PCFN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Relays
2
SCHRACK
Datasheet
Rev. HC1
Issued 2008/03
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
Power PCB Relay PCFN Solar (Continued)
Dimensions
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
2500 Vrms
Clearance / creepage coil-contact circuit
6.1 / 6.1 mm
Material group of insulation parts
III
Tracking index of relay base
PTI 175
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
277 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant
Flammability class according to UL94
V-0
Ambient temperature range
1)
-25...+75 °C
-25...+85 °C at 22 A
Operate- / release time
20 / 10 ms
Bounce time
3 ms
Vibration resistance (function)
10 g
Shock resistance (function)
10 g
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb
Mounting position
any
Mounting distance
10 mm
Resistance to soldering heat
260°C / 5 s
Relay weight
28 g
Packaging unit
20 / 500
1) Ambient temperature > 23°C requires reduction of coil voltage to 4.4...< 6 V after
100ms
S0548-A
PCB layout / terminal assignment
Bottom view on solder pins
S0547-AB
S0547-AA
Product key
Version
Contact configuration
Contact material
Coil
Part number
PCFN-112H2MG
PCB, flux tight
1 NO contact
AgSnO2
12 VDC
1721929-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com