Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REL Datasheet(PDF) 1 Page - Tyco Electronics

Part # REL
Description  Minature PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

REL Datasheet(HTML) 1 Page - Tyco Electronics

  REL Datasheet HTML 1Page - Tyco Electronics REL Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Minature PCB Relay REL
I 1 pole 5 A, 1 NO contact
I Low height 12.0 mm
I Especially suited for applications white goods, consumer
electronics, etc.
I Plastic materials according to IEC60335-1 (domestic
appliances)
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0352
Applications
PLC's, timers, temperature control, I/O cards, white goods
Approvals
V REG.-Nr. 6127, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 NO
Contact set
single contact
Type of interruption
micro disconnection
Rated current
5 A
Rated voltage / max.switching voltage AC
240/400 VAC
Limiting making capacity, max 4 s, duty factor 10%
15 A
Contact material
AgNi90/10, AgCdO
Mechanical endurance
>10x106 cycles
Rated frequency of operation with / without load
6/1200 min-1
Contact ratings
Type
Load
Cycles
REL3.
5 A, 250 VAC, resistive, 85°C, 50% df, 6 min-1, VDE EN61810-1
1x105
REL3.
3 A, 400 VAC, resistive, 85°C, 50% df, 20 min-1, VDE EN61810-1
4x105
REL34
5 A, 250 VAC, general purpose, 85°C, UL508
1x105
REL30
1/4 hp, 240 VAC, general purpose, UL508
3x104
REL30
B300, UL508
Coil data
Rated coil voltage range DC coil
5 ... 48 VDC
Coil power DC coil
360 mW
Operative range
2
Coil insulation system according UL1446
F
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.75
0.5
70+10%
357
006
6
4.5
0.6
100+10%
360
012
12
9
1.2
400+10%
360
024
24
18
2.4
1600+10%
360
036
36
27
3.6
3600+15%
360
048
48
36
4.8
6400+15%
360
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request
F0275-A


Similar Part No. - REL

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
REL MERITEK-REL Datasheet
323Kb / 3P
Aluminum Electrolytic Capacitors
logo
TE Connectivity Ltd
REL TEC-REL Datasheet
234Kb / 2P
1 pole 5 A, 1 form A (NO) contact
logo
Integrated Power Design...
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1001 IPDPOWER-REL-110-1001 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-110-1002 IPDPOWER-REL-110-1002 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
More results

Similar Description - REL

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC354 PICKER-PC354 Datasheet
169Kb / 2P
25 Amp Minature PCB Power Relay
PC375 PICKER-PC375 Datasheet
173Kb / 2P
Low Profile Minature PCB Power Relay
PC466 PICKER-PC466 Datasheet
194Kb / 2P
Ultra Slim Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
20 Amp Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
10 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
25 Amp Minature PCB Power Relay
PC354 PICKER-PC354_14 Datasheet
183Kb / 2P
25 AMP Minature PCB Power Relay
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
Low Profile Minature PCB Power Relay
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
Low Profile Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com