Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REL Datasheet(PDF) 2 Page - Tyco Electronics

Part # REL
Description  Minature PCB Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

REL Datasheet(HTML) 2 Page - Tyco Electronics

  REL Datasheet HTML 1Page - Tyco Electronics REL Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Minature PCB Relay REL (Continued)
Dimensions
Product key
RE L
3
Type
Contact configuration
3
1 NO contact
Contact material
4
AgNi90/10
0
AgCdO
Coil
Coil code: please refer to coil versions table
S0373-A
Product key
Version
Contacts
Contact material
Coil
Part number
REL34006
flux proof
1 NO contact
AgNi90/10
6 VDC
3-1415535-5
REL34012
12 VDC
3-1415535-6
REL34024
24 VDC
3-1415535-7
REL34048
48 VDC
3-1415535-8
REL30006
AgCdO
6 VDC
0-1393218-2
REL30012
12 VDC
4-1393217-6
REL30024
24 VDC
4-1393217-7
REL30048
48 VDC
0-1393218-3
PCB layout / terminal assignment
Bottom view on solder pins
S0176-BL
S0176-BJ
Insulation
Dielectric strength coil-contact circuit
3000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 4 / 4 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230/400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0352
Flammability class according to UL94
V-0
Ambient temperature range
-40...+85°C
Operate- / release time
5/1 ms
Bounce time NO / NC contact
1 ms
Shock resistance (destruction)
100 g
Category of protection
RT II - flux proof
Resistance to soldering heat flux-proof version
270°C / 10 s
Relay weight
5 g
Packaging unit
25 pcs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com