Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM8 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RM8
Description  Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM8 Datasheet(HTML) 2 Page - Tyco Electronics

  RM8 Datasheet HTML 1Page - Tyco Electronics RM8 Datasheet HTML 2Page - Tyco Electronics RM8 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. FK1
Issued 2006/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power Relay RM 8 (Continued)
Terminal assignment
Bottom view on pins
S0269-AG
S0269-AD
Coil versions, AC-coil 50/60 Hz
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ohm
VA
506
R06
6
4.8
2.4
4.7+10%
2.86/2.36
512
R12
12
9.6
4.8
19.5+10%
2.71/2.27
524
R24
24
19.2
9.6
80+
+10%
2.62/2.00
548
R48
48
38.4
19.2
320+10%
2.60/2.17
560
R60
60
48.0
24.0
500+10%
2.62/2.20
615
S15
115
92.0
46.0
1850+10%
2.65/2.22
730
T30
230
184.0
92.0
7500+
+10%
2.69/2.26
900
V00
400
320.0
160.0
23500+15%
2.61/2.20
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
4000 Vrms
Clearance / creepage coil-contact circuit
W 4/14.9 mm
adjacent contact circuits
W 15.3/15.3 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
240/400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0415
Ambient temperature range DC coil
-45...+65°C
AC coil
-45...+40°C
Operate- / release time
15/15 ms
Bounce time NO / NC contact
3 ms
Vibration resistance (function) NO / NC contact
10/5 g, 30...150 Hz
Category of protection
RTI - dust protected
Relay weight
81 g
Packaging unit
10/25 pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com