Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM8 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RM8
Description  Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RM8 Datasheet(HTML) 3 Page - Tyco Electronics

  RM8 Datasheet HTML 1Page - Tyco Electronics RM8 Datasheet HTML 2Page - Tyco Electronics RM8 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. FK1
Issued 2006/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power Relay RM 8 (Continued)
Dimensions
Cover with mounting brackets, 6.3 mm quick connect terminals
Cover with DIN-snap-on attachement
horizontal
vertical
S0298-BC
S0298-BD
S0298-BE
Product key
RM
8
Type
Contact configuration
8
2 CO contacts, 25 A
Version
0
AgCdO, without test button
3
AgCdO, with test button
Enclosure
5
cover with mounting brackets, 6.3 mm quick connect terminals
8
cover with DIN-snap-on attachment, horizontal, 6.3 mm quick connect terminals
9
cover with DIN-snap-on attachment, vertical, 6.3 mm quick connect terminals
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Product key
Contacts
Version
Enclosure
Coil
Coil
Part number
RM805024
2 CO contacts
without
mounting brackets
DC-coil
24 VDC
2-1393844-7
RM805524
25 A
test button
quick c. 6.3 mm
AC-coil
24 VAC
2-1393147-9
RM805615
115 VAC
3-1393147-1
RM805730
230 VAC
3-1393147-3
RM808024
DIN-snap-on
DC-coil
24 VDC
2-1393844-9
RM808524
horizontal
AC-coil
24 VAC
3-1393147-7
RM808730
230 VAC
5-1393149-7
RM809024
DIN-snap-on
DC-coil
24 VDC
5-1393149-8
RM809615
vertical
AC-coil
115 VAC
3-1393147-8
RM809730
230 VAC
3-1393147-9
RM835024
with
mounting brackets
DC-coil
24 VDC
4-1393147-1
RM835524
test button
quick c. 6.3 mm
AC-coil
24 VAC
4-1393147-3
RM835615
115 VAC
4-1393147-4
RM835730
230 VAC
4-1393147-6
RM838024
DIN-snap-on
DC-coil
24 VDC
4-1393147-8
RM838524
horizontal
AC-coil
24 VAC
5-1393147-0
RM838730
230 VAC
5-1393147-1
RM839024
DIN-snap-on
DC-coil
24 VDC
5-1393147-4
RM839524
vertical
AC-coil
24 VAC
5-1393147-5
RM839730
230 VAC
5-1393147-6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com