Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCD Datasheet(PDF) 1 Page - Tyco Electronics

Part # RMCD
Description  Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RMCD Datasheet(HTML) 1 Page - Tyco Electronics

  RMCD Datasheet HTML 1Page - Tyco Electronics RMCD Datasheet HTML 2Page - Tyco Electronics RMCD Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. FK1
Issued 2006/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power Relay RM C/D
I 1 pole 30 A, 1 NO or 1 NO + 1 NC contact
I Switching capacity up to 7500 VA
I DC- or AC-coil
I Push-to-test-button
I Chassis mount
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0415
Applications
Battery chargers, heating control
F0166-A
Approvals
Z E214025
Technical data of approved types on request
Contact data
RMC
RMD
Contact configuration
1 NO and 1 NC
1 NO
Contact set
single bridging contact
Type of interruption
micro disconnection
Rated current
30 A
Rated voltage / max.switching voltage AC
400/440 VAC
Maximum breaking capacity AC
7500 VA
Limiting making capacity, max 20 ms
60 A
Contact material
AgCdO
Mechanical endurance
10x106 cycles
Rated frequency of operation with / without load
16/100 min-1
Contact ratings
Type
Load
Cycles
RMC/D
30 A, 415 VAC, UL
10x103
RMC/D
30 A, 250 VAC, general purpose, UL
6x103
Coil data
Rated coil voltage range DC coil
6...220 VDC
AC coil
6...400 VAC
Coil power DC coil
1.2 W
AC coil
2.8 VA
Operative range
1
Coil versions, DC-coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD LED PD*
LED+
voltage
voltage
voltage
resistance
power
bipolar
PD*
VDC
VDC
VDC
Ohm
W
006 L06 0A6
LA6
6
4.5
0.6
32+10%
1.1
012 L12 0B2
LB2
12
9.0
1.2
110+10%
1.3
024 L24 0C4
LC4
24
18.0
2.4
475+
+10%
1.2
048 L48 0E8
LE8
48
36.0
4.8
2000+10%
1.2
060 L60 0G0
LG0
60
45.0
6.0
2850+10%
1.3
110 M10 1B0
MB0
110
82.5
11.0
10000+12%
1.2
221 N21 2C1
NC1
220
165.0
22.0
40000+15%
1.2
All figures are given for coil without preenergization, at ambient temperature +23°C
*) Protection diode PD; standard polarity: +A1 / -A2


Similar Part No. - RMCD

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMCD TOKEN-RMCD Datasheet
347Kb / 5P
High Voltage Bulk Ceramic Resistors
RMCD-100 TOKEN-RMCD-100 Datasheet
334Kb / 2P
RMCD Non-Inductance Tubular
RMCD-35 TOKEN-RMCD-35 Datasheet
334Kb / 2P
RMCD Non-Inductance Tubular
RMCD-50 TOKEN-RMCD-50 Datasheet
334Kb / 2P
RMCD Non-Inductance Tubular
RMCD-70 TOKEN-RMCD-70 Datasheet
334Kb / 2P
RMCD Non-Inductance Tubular
More results

Similar Description - RMCD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
Power Relay
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
POWER RELAY
logo
CUI INC
PR5 CUI-PR5 Datasheet
448Kb / 4P
POWER RELAY
08/15/2022
PR13 CUI-PR13 Datasheet
445Kb / 5P
POWER RELAY
08/15/2022
PR19 CUI-PR19 Datasheet
446Kb / 5P
POWER RELAY
08/09/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com