Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMCD Datasheet(PDF) 3 Page - Tyco Electronics

Part # RMCD
Description  Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RMCD Datasheet(HTML) 3 Page - Tyco Electronics

  RMCD Datasheet HTML 1Page - Tyco Electronics RMCD Datasheet HTML 2Page - Tyco Electronics RMCD Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. FK1
Issued 2006/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Power Relay RM C/D (Continued)
Product key
RM
5
Type
Contact configuration
C
1 NO contact and 1 NC contact, 30 A
D
1 NO contact, 30 A
Version
0
AgCdO, without test button
3
AgCdO, with test button
Enclosure
5
cover with mounting brackets, 6.3 mm quick connect terminals
Coil
Coil code: please refer to coil versions table, preferred types in bold print
Dimensions
Cover with mounting brackets, 6.3 mm quick connect terminals
S0298-BK
Product key
Contacts
Version
Enclosure
Coil
Coil
Part number
RMC05024
1 NO + 1 NC
without
mounting brackets
DC-coil
24 VDC
4-1393844-5
RMC05524
contact
test button
quick c. 6.3 mm
AC-coil
24 VAC
0-1393146-5
RMC05615
30 A
115 VAC
8-1393147-7
RMC05730
230 VAC
0-1393146-6
RMC35024
with test button
DC-coil
24 VDC
0-1393146-7
RMD05024
1 NO contact
without
24 VDC
0-1393146-9
RMD05524
30 A
test button
AC-coil
24 VAC
1-1393146-1
RMD05615
115 VAC
0-1415009-1
RMD05730
230 VAC
4-1393844-7
RMD35024
with
DC-coil
24 VDC
2-1419136-2
RMD35730
test button
AC-coil
230 VAC
0-1393097-5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com