Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPII2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RPII2
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RPII2 Datasheet(HTML) 1 Page - Tyco Electronics

  RPII2 Datasheet HTML 1Page - Tyco Electronics RPII2 Datasheet HTML 2Page - Tyco Electronics RPII2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet
Rev. FB1
Issued 2006/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Power PCB Relay RP II/2
I 2 pole 8, 2 C/O or 2 N/O contacts
I 4 kV / 8 mm coil-contact
I Twin contacts available
I PCB-sockets
I RoHS compliant (Directive 2002 / 95 / EC)
as per product date code 0404
Applications
Domestic appliances, UPS's
Approvals
V , Z
Technical data of approved types on request
Contact data
Configuration
2 C/O contact or 2 N/O contact
Type of contact
single contact
Rated current
8 A (UL: 10 A)
Rated voltage / max.breaking voltage AC
250 Vac / 440 Vac
Maximum breaking capacity AC
2000 VA
Make current (max. 4 s at duty cycle 10%)
14 A
Contact material
AgNi 0.15, AgCdO
Contact ratings
Type
Load
Operations
Standard
RP440
64 A ON, 2 A OFF, 250 Vac
1x104
VDE 0860
RP421
2 A, 50 Vdc, resistive
approx. 2x106
RP421
1/10hp, 240 Vac, per contact
UL 508
RP421
3 A, 380 Vac, AC11
approx. 3x104
VDE 0660
RP421
0.18 A, 110 Vdc, DC11
approx. 1x105
VDE 0660
RP420
0.6 A, 220 Vac, cos
ϕ=0.8, single phase motor
approx. 1.3x106
Coil data
Nominal voltage
5...110 Vdc
Nominal coil power
500 mW
Operate category
2 / b
Coil versions, DC-coil
Coil
Nominal
Pull-in
Release
Maximum
Coil
Coil
code
voltage
voltage
voltage
voltage
resistance
current
Vdc
Vdc
Vdc
Vdc
c
mA
005
5
3.5
0.5
9.0
54+10%
92.6
006
6
4.2
0.6
10.8
68+10%
88.2
012
12
8.4
1.2
21.6
270+10%
44.4
024
24
16.8
2.4
43.2
1100+15%
21.8
048
48
33.6
4.8
86.4
4400+15%
10.9
060
60
42.0
6.0
108.0
6540+15%
9.2
110
110
77.0
11.0
198.0
23100+15%
4.8
All figures are given for coil without preenergization, at ambient temperature +20°C
Other coil voltages on request
F0150-B


Similar Part No. - RPII2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
General Purpose Relays PCB Relays
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
Tyco Electronics
RPII1 MACOM-RPII1 Datasheet
550Kb / 3P
Power PCB Relay
More results

Similar Description - RPII2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com