Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPII2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RPII2
Description  Power PCB Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RPII2 Datasheet(HTML) 2 Page - Tyco Electronics

  RPII2 Datasheet HTML 1Page - Tyco Electronics RPII2 Datasheet HTML 2Page - Tyco Electronics RPII2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. FB1
Issued 2006/02
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Power PCB Relay RP II/2 (Continued)
Insulation
Insulation to IEC 60664
Voltage rating
250 V
Pollution degree
3
Overvoltage category
III
Insulation to VDE 0110b (2/79)
Insulation category / reference voltage
C / 250
Other data
RoHS - Directive 2002 / 95 / EC
compliant as per product date code 0404
Ambient temperature
-40...+70 °C
Mechanical life
20x106 operations
Max. switching rate at rated- / minimum load
10 min-1 / 1200 min-1
Operate- / release time
typ. 9 / 3 ms
Bounce time N/O contact/N/C contact
typ. 2 / 3 ms
Vibration resistance N/O / N/C contact
11 / 1.5 g, 30...150 Hz
Shock resistance (destruction)
100 g
Category of protection (IEC 61810)
RT II - flux proof, RT III - wash tight
Relay weight
18 g
Packaging unit
20 / 500 pcs.
Accessories
see accessories RT and RP
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions in mm
Dimensions
Dimensions in mm
2 C/O contacts
2 N/O contacts
S0163-CO
S0163-BJ
S0163-BK
S0273-AB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com