Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW80NF12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW80NF12
Description  N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D²PAK STripFET™ II POWER MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW80NF12 Datasheet(HTML) 1 Page - STMicroelectronics

  STW80NF12 Datasheet HTML 1Page - STMicroelectronics STW80NF12 Datasheet HTML 2Page - STMicroelectronics STW80NF12 Datasheet HTML 3Page - STMicroelectronics STW80NF12 Datasheet HTML 4Page - STMicroelectronics STW80NF12 Datasheet HTML 5Page - STMicroelectronics STW80NF12 Datasheet HTML 6Page - STMicroelectronics STW80NF12 Datasheet HTML 7Page - STMicroelectronics STW80NF12 Datasheet HTML 8Page - STMicroelectronics STW80NF12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2003
STB80NF12 STW80NF12
STP80NF12 STP80NF12FP
N-CHANNEL 120V-0.013
Ω-80A TO-220/TO-247/TO-220FP/D²PAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.013Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
SURFACE-MOUNTING D²PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX) OR
IN TAPE & REEL (SUFFIX “T4”)
DESCRIPTION
This MOSFET series realized with STMicroelectronics
unique STripFET process has specifically been designed
to minimize input capacitance and gate charge. It is
therefore suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC converters for
Telecom and Computer applications. It is also intended
for any applications with low gate drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
TYPE
VDSS
RDS(on)
ID
STB80NF12
STP80NF12
STP80NF12FP
STW80NF12
120 V
120 V
120 V
120 V
<0.018
Ω
<0.018
Ω
<0.018
Ω
<0.018
Ω
80 A(*)
80 A(*)
80 A(*)
80 A(*)
1
2
3
1
3
1
2
3
TO-220
D²PAK
TO-263
(Suffix “T4”)
TO-220FP
TO-247
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(*) Limited by Package
(2) ISD ≤35A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(#) Refer to SOA for the max allovable currente values on FP-type
due to thermal resistance value.
(1) Starting Tj = 25 oC, ID = 40A, VDD = 45V
Symbol
Parameter
Value
Unit
STB_P_W80NF12
STP80NF12FP
VDS
Drain-source Voltage (VGS = 0)
120
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
120
V
VGS
Gate- source Voltage
± 20
V
ID(*)
Drain Current (continuous) at TC = 25°C
80
80(#)
A
ID
Drain Current (continuous) at TC = 100°C
60
60(#)
A
IDM(•)
Drain Current (pulsed)
320
320(#)
A
Ptot
Total Dissipation at TC = 25°C
300
45
W
Derating Factor
2.0
0.3
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
10
V/ns
EAS (2)
Single Pulse Avalanche Energy
700
mJ
VISO
Insulation Withstand Voltage (DC)
------
2500
V
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STW80NF12

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW80NF12 ISC-STW80NF12 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW80NF12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
473Kb / 11P
N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D²PAK STripFET™ II POWER MOSFET
27-Feb-2007
STP80NF55-06 STMICROELECTRONICS-STP80NF55-06 Datasheet
48Kb / 6P
N - CHANNEL 55V - 0.005ohm - 80A TO-220/TO-220FP STripFET POWER MOSFET
Jul-1999
STW80NF55-06 STMICROELECTRONICS-STW80NF55-06 Datasheet
114Kb / 6P
N-CHANNEL 55V - 0.005ohm - 80A TO-247 STripFET™ II POWER MOSFET
Oct-2001
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
17-Aug-2006
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP80NF12 STMICROELECTRONICS-STP80NF12_07 Datasheet
247Kb / 12P
N-channel 120V - 0.013ohm - 80A - TO-220 STripFET TM II Power MOSFET
31-Jan-2007
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
27-Feb-2007
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com