Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW80NF12 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW80NF12
Description  N-CHANNEL 120V-0.013ohm-80A TO-220/TO-247/TO-220FP/D²PAK STripFET™ II POWER MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW80NF12 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW80NF12 Datasheet HTML 4Page - STMicroelectronics STW80NF12 Datasheet HTML 5Page - STMicroelectronics STW80NF12 Datasheet HTML 6Page - STMicroelectronics STW80NF12 Datasheet HTML 7Page - STMicroelectronics STW80NF12 Datasheet HTML 8Page - STMicroelectronics STW80NF12 Datasheet HTML 9Page - STMicroelectronics STW80NF12 Datasheet HTML 10Page - STMicroelectronics STW80NF12 Datasheet HTML 11Page - STMicroelectronics STW80NF12 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STB80NF12 STW80NF12 STP80NF12 STP80NF12FP
10/12
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.7
5.3
0.185
0.209
D
2.2
2.6
0.087
0.102
E
0.4
0.8
0.016
0.031
F
1
1.4
0.039
0.055
F3
2
2.4
0.079
0.094
F4
3
3.4
0.118
0.134
G
10.9
0.429
H
15.3
15.9
0.602
0.626
L
19.7
20.3
0.776
0.779
L3
14.2
14.8
0.559
0.582
L4
34.6
1.362
L5
5.5
0.217
M
2
3
0.079
0.118
P025P
TO-247 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com