Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB85NF55 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB85NF55
Description  N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NF55 Datasheet(HTML) 2 Page - STMicroelectronics

  STB85NF55 Datasheet HTML 1Page - STMicroelectronics STB85NF55 Datasheet HTML 2Page - STMicroelectronics STB85NF55 Datasheet HTML 3Page - STMicroelectronics STB85NF55 Datasheet HTML 4Page - STMicroelectronics STB85NF55 Datasheet HTML 5Page - STMicroelectronics STB85NF55 Datasheet HTML 6Page - STMicroelectronics STB85NF55 Datasheet HTML 7Page - STMicroelectronics STB85NF55 Datasheet HTML 8Page - STMicroelectronics STB85NF55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STB85NF55/STP85NF55
2/10
THERMAL DATA
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (*)
DYNAMIC
Rthj-case
Rthj-amb
Tl
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Maximum Lead Temperature For Soldering Purpose
Max
Max
0.5
62.5
300
°C/W
°C/W
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
55
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID =40 A
0.0062
0.008
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS = 15V
ID = 40 A
120
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V f = 1 MHz VGS = 0
3700
900
310
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com