Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9182AGES Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9182AGES
Description  Dual, Low-Noise, 200mA LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182AGES Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9182AGES Datasheet HTML 1Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 2Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 3Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 4Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 5Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 6Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 7Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 8Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RT9182
7
DS9182-18 April 2008
www.richtek.com
Applications Information
The RT9182 is integrated with two low noise, low dropout,
and low quiescent current linear regulators designed
primarily for battery-powered applications. Output
voltages are optional ranging from 1.5V to 3.3V, and each
channel can supply current up to 200mA.
Shutdown
The RT9182 is shutdown by pulling the EN input low,
and turned on by driving the input high. If this feature is
not to be used, the EN input should be tied to VIN to
keep the regulator on at all times (the EN input must not
be floating).
Internal P-Channel Pass Transistor
The RT9182 features double typical 1.5
Ω P-Channel
MOSFET pass transistors. It provides several advantages
over similar designs using PNP pass transistors, including
longer battery life. The P-Channel MOSFET requires no
base drive, which reduces quiescent current considerably.
PNP-based regulators waste considerable current in
dropout when the pass transistor saturates. They also
use high base-drive currents under large loads. The
RT9182 does not suffer from these problems and
consume only 165
μA of quiescent current whether in
dropout, light-load, or heavy-load applications.
Current Limit and Thermal Protection
The RT9182 includes two independent current limit
structure which monitor and control each pass transistor's
gate voltage limiting the guaranteed maximum output
current to 200mA.
Thermal-overload protection limits total power dissipation
in the RT9182. When the junction temperature exceeds
TJ = +140
°C, the thermal sensor signals the shutdown
logic turning off the pass transistor and allowing the IC to
cool. The thermal sensor will turn the pass transistor on
again after the IC's junction temperature cools by 10
°C,
resulting in a pulsed output during continuous thermal-
overload conditions. Thermal-overloaded protection is
designed to protect the RT9182 in the event of fault
conditions.
Do not exceed the absolute maximum junction tempera-
ture rating of TJ = + 125
°C for continuous operation. The
output can be shorted to ground for an indefinite amount
of time without damaging the part by cooperation of current
limit and thermal protection.
Operating Region and Power Dissipation
The maximum power dissipation of RT9182 depends on
the thermal resistance of the case and circuit board, the
temperature difference between the die junction and
ambient air, and the rate of airflow. The power dissipation
across the device is
P = IOUT (VIN - VOUT).
The maximum power dissipation is :
P(MAX) = (TJ - TA) /
θJA
where TJ - TA is the temperature difference between the
RT9182 die junction and the surrounding environment,
θJA is the thermal resistance from the junction to the
surrounding environment. The GND pin of the RT9182
performs the dual function of providing an electrical
connection to ground and channeling heat away. Connect
the GND pin to ground using a large pad or ground plane.
Capacitor Selection and Regulator Stability
Like any low-dropout regulator, the external capacitors
used with the RT9182 must be carefully selected for
regulator stability and performance.
Using a capacitor whose value is > 1uF on the RT9182
input and the amount of capacitance can be increased
without limit. The input capacitor must be located a
distance of not more than 0.5" from the input pin of the
IC and returned to a clean analog ground. Any good
quality ceramic or tantalum can be used for this capacitor.
The capacitor with larger value and lower ESR (equivalent
series resistance) provides better PSRR and line-
transient response.
The output capacitor must meet both requirements for
minimum amount of capacitance and ESR in all LDO
applications (see Figure1). The RT9182 is designed
specifically to work with low ESR ceramic output capacitor
in space-saving and performance consideration. Using
a ceramic capacitor whose value is at least 1uF with ESR
is > 5m
Ω on the RT9182 output ensures stability. The
RT9182 still works well with output capacitor of other
types due to the wide stable ESR range. Output capacitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com