Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9182AGES Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9182AGES
Description  Dual, Low-Noise, 200mA LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182AGES Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9182AGES Datasheet HTML 1Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 2Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 3Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 4Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 5Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 6Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 7Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 8Page - Richtek Technology Corporation RT9182AGES Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9182
2
DS9182-18 April 2008
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VOUT2
Channel 2 Output Voltage
2
GND
Common Ground
3
EN2
Note
Chip Enable (Active High)
4
EN1
Note
Chip Enable (Active High)
5
VIN
Supply Input
6
VOUT1
Channel 1 Output Voltage
Note: If EN1 and EN2 are both low, both regulators and the reference turn off.
Thermal Protection
Current Limit
Current Limit
V
REF
+
-
+
-
Bias
VIN
VOUT1
EN1
EN2
GND
VOUT2
Typical Application Circuit
EN2
EN1
VOUT2
VOUT1
RT9182
GND
VIN
2.2uF
V
IN
2.2uF
V
OUT1
2.2uF
V
OUT2
Chip Enable
Chip Enable
3
6
5
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com