Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2805 Datasheet(PDF) 7 Page - STMicroelectronics

Part # D2805
Description  Low voltage fast-switching PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D2805 Datasheet(HTML) 7 Page - STMicroelectronics

  D2805 Datasheet HTML 1Page - STMicroelectronics D2805 Datasheet HTML 2Page - STMicroelectronics D2805 Datasheet HTML 3Page - STMicroelectronics D2805 Datasheet HTML 4Page - STMicroelectronics D2805 Datasheet HTML 5Page - STMicroelectronics D2805 Datasheet HTML 6Page - STMicroelectronics D2805 Datasheet HTML 7Page - STMicroelectronics D2805 Datasheet HTML 8Page - STMicroelectronics D2805 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STD2805
Package mechanical data
7/9
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A3
0.70
1.30
0.028
0.051
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
B3
0.85
0.033
B5
0.30
0.012
B6
0.95
0.037
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.237
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
15.90
16.30
0.626
0.642
L
9.00
9.40
0.354
0.370
L1
0.80
1.20
0.031
0.047
L2
0.80
1.00
0.031
0.039
V1
10o
10o
P032N_E
TO-251 (IPAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com