Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2805 Datasheet(PDF) 3 Page - STMicroelectronics

Part # D2805
Description  Low voltage fast-switching PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D2805 Datasheet(HTML) 3 Page - STMicroelectronics

  D2805 Datasheet HTML 1Page - STMicroelectronics D2805 Datasheet HTML 2Page - STMicroelectronics D2805 Datasheet HTML 3Page - STMicroelectronics D2805 Datasheet HTML 4Page - STMicroelectronics D2805 Datasheet HTML 5Page - STMicroelectronics D2805 Datasheet HTML 6Page - STMicroelectronics D2805 Datasheet HTML 7Page - STMicroelectronics D2805 Datasheet HTML 8Page - STMicroelectronics D2805 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STD2805
Electrical characteristics
3/9
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = -60V
0.1
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = -5V
0.1
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC =-100µA
-60
V
V(BR)CEO
Collector-emitter
breakdown voltage
(IB = 0)
IC =-1mA
-60
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE =-100µA
-6
V
VCE(sat) (1)
Collector-emitter
saturation voltage
IC =-100mA _ IB =-5mA
IC =-2A
_ _ IB =-50mA
IC =-3A ___ IB =-150mA
IC =-5A ___ IB =-200mA
-150
-200
-50
-300
-400
-600
mV
mV
mV
mV
VBE(sat) (1)
Base-emitter saturation
voltage
IC =-2A _ _ IB =-50mA
-0.9
-1.2
V
hFE (1)
DC current gain
IC =-100mA
VCE =-2V
IC =-5A
VCE =-2V
IC =-10A
VCE =-2V
200
85
20
400
fT
Transition frequency
VCE =-10V
IC =-50mA
150
MHz
CCBO
Collector-base
capacitance
VCB =-10V
f =1MHz
60
pF
tON
ts
tf
Resistive load
Turn-on time
Storage time
Fall time
VCC = -30V
IC = -1A
IB1 =-IB2 = -0.1A
80
600
70
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com