Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC2G15 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STC2G15
Description  BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC2G15 Datasheet(HTML) 2 Page - STMicroelectronics

  STC2G15 Datasheet HTML 1Page - STMicroelectronics STC2G15 Datasheet HTML 2Page - STMicroelectronics STC2G15 Datasheet HTML 3Page - STMicroelectronics STC2G15 Datasheet HTML 4Page - STMicroelectronics STC2G15 Datasheet HTML 5Page - STMicroelectronics STC2G15 Datasheet HTML 6Page - STMicroelectronics STC2G15 Datasheet HTML 7Page - STMicroelectronics STC2G15 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STC2G15
2/8
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
APPLICATION CIRCUITS
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
-0.3 to 5.4
V
VO
DC Output Voltage
-0.3 to VIN +0.3
V
VINH
INHIBIT Input Voltage
-0.3 to VIN +0.3
V
IO
Output Current
Internally limited
Ptot
Power Dissipation
Internally limited
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-40 to +95
°C
ESD
Electrostatic Discharge HBM (DH11C)
2
kV
Symbol
Parameter
TSOT23-5L
Unit
Rthj-amb
Thermal Resistance Junction-ambient
225
°C/W
Rthj-case
Thermal Resistance Junction-case
81
°C/W
Pin N° Symbol
Name and Function
1
IN
Input Pin
2
GND
Ground Pin
3
SHDN
Shutdown Input: Disables the
regulator when < 0.4V. Not internally
pulled down.
4
CMP
Compensation Pin: Bypass with a
1
µF ceramic X7R capacitor to GND
or leave floating if the CO is
connected to OUT pin
5
OUT
Output Pin: Bypass with a 1
µF
tantalium capacitor to GND if ceramic
X7R capacitoror is not used.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com