Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC2G15 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STC2G15
Description  BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC2G15 Datasheet(HTML) 1 Page - STMicroelectronics

  STC2G15 Datasheet HTML 1Page - STMicroelectronics STC2G15 Datasheet HTML 2Page - STMicroelectronics STC2G15 Datasheet HTML 3Page - STMicroelectronics STC2G15 Datasheet HTML 4Page - STMicroelectronics STC2G15 Datasheet HTML 5Page - STMicroelectronics STC2G15 Datasheet HTML 6Page - STMicroelectronics STC2G15 Datasheet HTML 7Page - STMicroelectronics STC2G15 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2003
s
INPUT VOLTAGE FROM 2.7V TO 5.02V
s
STABLE WITH LOW ESR CERAMIC AND
TANTALUM CAPACITORS
s
VERY LOW QUIESCENT CURRENT (30µA
TYP. AT NO LOAD; 2µA IN OFF MODE)
s
GUARANTEED OUTPUT CURRENT UP TO
15mA
s
OUTPUT VOLTAGE: 1.5V
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
INTERNAL CURRENT LIMIT
s
JUNCTION TEMPERATURE RANGE: -40°C
TO 95°C
DESCRIPTION
The STC2G15 provides up to 15mA, from 2.5V to
6V input voltage. The low quiescent current
makes it suitable for low power applications and in
battery powered systems.
Shutdown Logic Control function is available, this
means that when the device is used as local
regulator, it is possible to put a part of the board in
standby, decreasing the total power consumption.
The STC2G15 is designed to work with low ESR
ceramic
and
tantalum
capacitors.
Typical
applications are in mobile phone, blue-tooth
module and similar battery powered wireless
systems.
STC2G15
BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH
VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
SCHEMATIC DIAGRAM
TSOT23-5L


Similar Part No. - STC2G15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STC2.2-10C1 VISHAY-STC2.2-10C1 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-15N1 VISHAY-STC2.2-15N1 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-25C2 VISHAY-STC2.2-25C2 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-25N2 VISHAY-STC2.2-25N2 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-2C0 VISHAY-STC2.2-2C0 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
More results

Similar Description - STC2G15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
logo
National Semiconductor ...
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
logo
Texas Instruments
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com