Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3878 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LP3878 Datasheet PDF - National Semiconductor (TI)
Part # LP3878
Download  LP3878 Download
File Size   640.74 Kbytes
Page   11 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors

LP3878 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3878 Datasheet PDF - National Semiconductor (TI)

Part # LP3878
Download  LP3878 Click to download

File Size   640.74 Kbytes
Page   11 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors

LP3878 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LP3878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
logo
Texas Instruments
LP3878-ADJ TI-LP3878-ADJ Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
LP3878-ADJ TI-LP3878-ADJ_15 Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
LP38788 TI2-LP38788 Datasheet
482Kb / 16P
LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
REVISED OCTOBER 2012
LP38788-ADJ TI2-LP38788-ADJ Datasheet
482Kb / 16P
LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
REVISED OCTOBER 2012
More results


Similar Description - LP3878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
STC2G15 STMICROELECTRONICS-STC2G15 Datasheet
234Kb / 8P
BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
Apr-2003
logo
National Semiconductor ...
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
logo
Texas Instruments
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com