Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3878 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3878
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3878 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3878 Datasheet HTML 1Page - National Semiconductor (TI) LP3878 Datasheet HTML 2Page - National Semiconductor (TI) LP3878 Datasheet HTML 3Page - National Semiconductor (TI) LP3878 Datasheet HTML 4Page - National Semiconductor (TI) LP3878 Datasheet HTML 5Page - National Semiconductor (TI) LP3878 Datasheet HTML 6Page - National Semiconductor (TI) LP3878 Datasheet HTML 7Page - National Semiconductor (TI) LP3878 Datasheet HTML 8Page - National Semiconductor (TI) LP3878 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction
Temperature
Range
-40˚C to +125˚C
Lead Temperature
(Soldering, 5
seconds)
260˚C
ESD Rating (Note 2)
2 kV
Power Dissipation (Note 3)
Internally Limited
Input Supply Voltage
(Survival)
−0.3V to +16V
Input Supply Voltage
(Operating)
2.2V to 6V
Sense Pin
−0.3V to 6V
Output Voltage
(Survival)
(Note 4)
−0.3V to 6V
I
OUT (Survival)
Short Circuit
Protected
Input-Output Voltage
(Survival)
(Note 5)
−0.3V to +16V
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the junction temperature range of 0˚C to
125˚C. Unless otherwise specified: V
IN = 3.3V, IL = 1 mA, COUT = 10 µF, CIN = 4.7 µF, VS/D = 2V.
Symbol
Parameter
Conditions
Min
(Note 6)
Typical
(Note 7)
Max
(Note 6)
Units
V
O
Output Voltage
Tolerance
−1.0
1.0
%V
NOM
1mA < I
L < 800 mA
3.0V
≤ V
IN
≤ 6V
−2.0
2.0
−3.0
3.0
Output Voltage Line
Regulation
3.0V
≤ V
IN
≤ 6V
0.005
0.014
%/V
0.032
V
IN (min)
Minimum Input
Voltage Required To
Maintain Output
Regulation
I
L = 800 mA
V
OUT
≥ V
OUT(NOM) -1%
2.2
2.75
V
I
GND
Ground Pin Current
I
L = 100 µA
180
200
µA
225
I
L = 200 mA
1
2
mA
2.5
I
L = 800 mA
5
8
10
I
O(PK)
Peak Output Current
V
OUT
≥ V
O(NOM) − 5%
1200
mA
I
O(MAX)
Short Circuit Current
R
L = 0 (Steady State)
(Note 8)
1400
e
n
Output Noise Voltage
(RMS)
BW = 100 Hz to 100 kHz
C
BYPASS =10nF
C
BYPASS =0
18
85
µV(RMS)
Ripple Rejection
f=1kHz
70
dB
SHUTDOWN INPUT
V
S/D
S/D Input Voltage
V
H = O/P ON
1.4
1.6
V
V
L = O/P OFF
I
IN
≤ 2µA
0.1
0.50
I
S/D
S/D Input Current
V
S/D = 0
0.001
−1
µA
V
S/D =5V
5
15
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com