Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3878 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3878
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3878 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3878 Datasheet HTML 1Page - National Semiconductor (TI) LP3878 Datasheet HTML 2Page - National Semiconductor (TI) LP3878 Datasheet HTML 3Page - National Semiconductor (TI) LP3878 Datasheet HTML 4Page - National Semiconductor (TI) LP3878 Datasheet HTML 5Page - National Semiconductor (TI) LP3878 Datasheet HTML 6Page - National Semiconductor (TI) LP3878 Datasheet HTML 7Page - National Semiconductor (TI) LP3878 Datasheet HTML 8Page - National Semiconductor (TI) LP3878 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Connection Diagram
8 Lead LLP Surface Mount Package (SD)
20086850
Top View
See NS Package Number SDC08A
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage*
Grade
Order Information
Supplied as:
8 Lead LLP
1.0
STD
LP3878SD-1.0
1000 Units on Tape and Reel
1.0
STD
LP3878SDX-1.0
4500 Units on Tape and Reel
* For other voltages between 1.0V and 1.2V, contact National Semiconductor sales office.
Pin Description
PIN
NAME
APPLICATION INFORMATION
1
BYPASS
Optional low noise feature. A small value capacitor connected between
BYPASS and GROUND lowers output noise voltage level (100pF -
10nF).
2
N/C
DO NOT CONNECT. This pin is used for post package test and should
be left floating.
3
GROUND
Device ground.
4
INPUT
Input source voltage.
5
OUTPUT
Regulated output voltage.
6
SENSE
Remote sense. Tie directly to output or remotely at point of load for best
regulation.
7
N/C
No internal connection.
8
SHUTDOWN
Enabled above turn-on threshold voltage. Pull to ground to disable.
LLP
DAP
SUBSTRATE
The exposed die attach pad should be connected to a thermal pad at
ground potential. For additional information on using National
Semiconductor’s No Pull Back LLP package, please refer to LLP
application note AN-1187.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com