Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38788 Datasheet (PDF) - Texas Instruments

LP38788 Datasheet PDF - Texas Instruments
Part # LP38788
Download  LP38788 Download
File Size   482.19 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits

LP38788 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP38788 Datasheet PDF - Texas Instruments

Part # LP38788
Download  LP38788 Click to download

File Size   482.19 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits

LP38788 Datasheet (HTML) - Texas Instruments


LP38788 Product details

1FEATURES
2• Ultra-Low Output Noise: 4 μVRMS (10Hz to 100
kHz)
• High PSRR: 70db at 1 kHz; 60dB at 10 kHz
• Wide Operating Input Voltage Range: 4.5V to 15V
• ±1.0% Output Voltage Initial Accuracy (TJ =
25°C)
• Very Low Dropout : 250 mV (typical) at 800mA
• Stable with Ceramic or Tantalum Output
Capacitors
• Excellent Line and Load Transient Response
• Over-Current and Over-Temperature
Protection

APPLICATIONS
• RF and VCO Power
• Wireless LAN Devices
• Wireless Cable Modems
• Low Noise Post Regulation

DESCRIPTION
The LP38788-ADJ is a high performance linear regulator capable of supplying 800 mA output current. Designed
to meet the requirements of sensitive RF/Analog circuitry, the LP38788 implements a novel linear topology on an
advanced CMOS process to deliver ultra-low output noise and high PSRR at switching power supply
frequencies. The LP38788-ADJ is stable with both ceramic and tantalum output capacitors and requires a
minimum output capacitor of only 1 μF for stability.
The LP38788-ADJ can operate over a wide input voltage range (4.5V to 15V) making it well suited for many post
regulation applications.
Available in a 12-Lead LLP package (4.0 x 4.0 x 0.8 mm).




Similar Part No. - LP38788

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
logo
Texas Instruments
LP3878-ADJ TI-LP3878-ADJ Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
LP3878-ADJ TI-LP3878-ADJ_15 Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
logo
National Semiconductor ...
LP3878MR-ADJ NSC-LP3878MR-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
More results


Similar Description - LP38788

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
LP38798 TI-LP38798 Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP8900TLX-AAEC TI1-LP8900TLX-AAEC Datasheet
1Mb / 17P
LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
LP38798 TI-LP38798_15 Datasheet
2Mb / 27P
LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
logo
ON Semiconductor
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com