Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38788 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP38788 Datasheet HTML 3Page - Texas Instruments LP38788 Datasheet HTML 4Page - Texas Instruments LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments LP38788 Datasheet HTML 10Page - Texas Instruments LP38788 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
10
100
1k
10k
100k
0
100
200
300
400
500
FREQUENCY (Hz)
COUT= 10 F Tantalum
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
COUT= 10 F Ceramic
VIN= 5.2V
VOUT= 4.7V
Iout=20mA
Iout=50mA
Iout=100mA
10
100
1k
10k
100k
0
100
200
300
400
500
FREQUENCY (Hz)
VOUT= 5.00V
VIN= 6.00V
COUT= 10 F Ceramic
LP38788, LP38788-ADJ
www.ti.com
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
Typical Performance Characteristics (continued)
Unless otherwise specified: VIN = 5.5V, VOUT = 5.00V, IOUT = 10 mA, COUT = 10 µF MLCC 16V X7R, TJ = 25°C.
PSRR, VIN - VOUT = 500 mV
NOISE, COUT = 10 μF Ceramic
NOISE, COUT = 10 μF Tantalum
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com